Part Number Hot Search : 
4749A MJ10004 74LV2 GBS304 2N5225 3N60E MP2361DK 11N80C
Product Description
Full Text Search
 

To Download AT28C64B09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 150 ns * Automatic Page Write Operation
- Internal Address and Data Latches for 64 Bytes
* Fast Write Cycle Times
- Page Write Cycle Time: 10 ms Maximum (Standard) 2 ms Maximum (Option - Ref. AT28HC64BF Datasheet) - 1 to 64-byte Page Write Operation Low Power Dissipation - 40 mA Active Current - 100 A CMOS Standby Current Hardware and Software Data Protection DATA Polling and Toggle Bit for End of Write Detection High Reliability CMOS Technology - Endurance: 100,000 Cycles - Data Retention: 10 Years Single 5V 10% Supply CMOS and TTL Compatible Inputs and Outputs JEDEC Approved Byte-wide Pinout Industrial Temperature Ranges Green (Pb/Halide-free) Packaging Option Only
*
* * *
* * * * *
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection AT28C64B
1. Description
The AT28C64B is a high-performance electrically-erasable and programmable readonly memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits. Manufactured with Atmel's advanced nonvolatile CMOS technology, the device offers access times to 150 ns with power dissipation of just 220 mW. When the device is deselected, the CMOS standby current is less than 100 A. The AT28C64B is accessed like a Static RAM for the read or write cycle without the need for external components. The device contains a 64-byte page register to allow writing of up to 64 bytes simultaneously. During a write cycle, the addresses and 1 to 64 bytes of data are internally latched, freeing the address and data bus for other operations. Following the initiation of a write cycle, the device will automatically write the latched data using an internal control timer. The end of a write cycle can be detected by DATA POLLING of I/O7. Once the end of a write cycle has been detected, a new access for a read or write can begin. Atmel's AT28C64B has additional features to ensure high quality and manufacturability. The device utilizes internal error correction for extended endurance and improved data retention characteristics. An optional software data protection mechanism is available to guard against inadvertent writes. The device also includes an extra 64 bytes of EEPROM for device identification or tracking.
0270L-PEEPR-2/09
2. Pin Configurations
Pin Name A0 - A12 CE OE WE I/O0 - I/O7 NC DC Function Addresses Chip Enable Output Enable Write Enable Data Inputs/Outputs No Connect Don't Connect
2.2
32-lead PLCC Top View
A7 A12 NC DC VCC WE NC
Note:
PLCC package pins 1 and 17 are Don't Connect.
2.1
28-lead PDIP, 28-lead SOIC Top View
NC A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC WE NC A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
2.3
OE A11 A9 A8 NC WE VCC NC A12 A7 A6 A5 A4 A3
28-lead TSOP Top View
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2
2
AT28C64B
0270L-PEEPR-2/09
I/O1 I/O2 GND DC I/O3 I/O4 I/O5
14 15 16 17 18 19 20
A6 A5 A4 A3 A2 A1 A0 NC I/O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
A8 A9 A11 NC OE A10 CE I/O7 I/O6
AT28C64B
3. Block Diagram
VCC GND OE WE CE Y DECODER ADDRESS INPUTS X DECODER IDENTIFICATION DATA INPUTS/OUTPUTS I/O0 - I/O7
OE, CE and WE LOGIC
DATA LATCH INPUT/OUTPUT BUFFERS Y-GATING CELL MATRIX
4. Device Operation
4.1 Read
The AT28C64B is accessed like a Static RAM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high-impedance state when either CE or OE is high. This dual line control gives designers flexibility in preventing bus contention in their systems.
4.2
Byte Write
A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a write cycle. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Once a byte write has been started, it will automatically time itself to completion. Once a programming operation has been initiated and for the duration of tWC, a read operation will effectively be a polling operation.
4.3
Page Write
The page write operation of the AT28C64B allows 1 to 64 bytes of data to be written into the device during a single internal programming period. A page write operation is initiated in the same manner as a byte write; after the first byte is written, it can then be followed by 1 to 63 additional bytes. Each successive byte must be loaded within 150 s (tBLC) of the previous byte. If the tBLC limit is exceeded, the AT28C64B will cease accepting data and commence the internal programming operation. All bytes during a page write operation must reside on the same page as defined by the state of the A6 to A12 inputs. For each WE high to low transition during the page write operation, A6 to A12 must be the same. The A0 to A5 inputs specify which bytes within the page are to be written. The bytes may be loaded in any order and may be altered within the same load period. Only bytes which are specified for writing will be written; unnecessary cycling of other bytes within the page does not occur.
3
0270L-PEEPR-2/09
4.4
DATA Polling
The AT28C64B features DATA Polling to indicate the end of a write cycle. During a byte or page write cycle an attempted read of the last byte written will result in the complement of the written data to be presented on I/O7. Once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may begin. DATA Polling may begin at any time during the write cycle.
4.5
Toggle Bit
In addition to DATA Polling, the AT28C64B provides another method for determining the end of a write cycle. During the write operation, successive attempts to read data from the device will result in I/O6 toggling between one and zero. Once the write has completed, I/O6 will stop toggling, and valid data will be read. Toggle bit reading may begin at any time during the write cycle.
4.6
Data Protection
If precautions are not taken, inadvertent writes may occur during transitions of the host system power supply. Atmel(R) has incorporated both hardware and software features that will protect the memory against inadvertent writes.
4.6.1
Hardware Data Protection Hardware features protect against inadvertent writes to the AT28C64B in the following ways: (a) VCC sense - if VCC is below 3.8 V (typical), the write function is inhibited; (b) VCC power-on delay - once VCC has reached 3.8 V, the device will automatically time out 5 ms (typical) before allowing a write; (c) write inhibit - holding any one of OE low, CE high, or WE high inhibits write cycles; and (d) noise filter - pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a write cycle. Software Data Protection A software controlled data protection feature has been implemented on the AT28C64B. When enabled, the software data protection (SDP), will prevent inadvertent writes. The SDP feature may be enabled or disabled by the user; the AT28C64B is shipped from Atmel with SDP disabled. SDP is enabled by the user issuing a series of three write commands in which three specific bytes of data are written to three specific addresses (see "Software Data Protection Algorithms" on page 10). After writing the 3-byte command sequence and waiting tWC, the entire AT28C64B will be protected against inadvertent writes. It should be noted that even after SDP is enabled, the user may still perform a byte or page write to the AT28C64B by preceding the data to be written by the same 3-byte command sequence used to enable SDP. Once set, SDP remains active unless the disable command sequence is issued. Power transitions do not disable SDP, and SDP protects the AT28C64B during power-up and power-down conditions. All command sequences must conform to the page write timing specifications. The data in the enable and disable command sequences is not actually written into the device; their addresses may still be written with user data in either a byte or page write operation. After setting SDP, any attempt to write to the device without the 3-byte command sequence will start the internal write timers. No data will be written to the device. However, for the duration of tWC, read operations will effectively be polling operations.
4.6.2
4.7
Device Identification
An extra 64 bytes of EEPROM memory are available to the user for device identification. By raising A9 to 12V 0.5V and using address locations 1FC0H to 1FFFH, the additional bytes may be written to or read from in the same manner as the regular memory array.
4
AT28C64B
0270L-PEEPR-2/09
AT28C64B
5. DC and AC Operating Range
AT28C64B-15 Operating Temperature (Case) VCC Power Supply -40C - 85C 5V 10%
6. Operating Modes
Mode Read Write(2) Standby/Write Inhibit Write Inhibit Write Inhibit Output Disable Chip Erase Notes: 1. X can be VIL or VIH. 2. See "AC Write Waveforms" on page 8. 3. VH = 12.0V 0.5V. CE VIL VIL VIH X X X VIL OE VIL VIH X(1) X VIL VIH VH(3) WE VIH VIL X VIH X X VIL High Z High Z I/O DOUT DIN High Z
7. Absolute Maximum Ratings*
Temperature Under Bias................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE and A9 with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
8. DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC VIL VIH VOL VOH Parameter Input Load Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1 mA IOH = -400 A 2.4 2.0 0.40 Condition VIN = 0V to VCC + 1V VI/O = 0V to VCC CE = VCC - 0.3V to VCC + 1V CE = 2.0V to VCC + 1V f = 5 MHz; IOUT = 0 mA Min Max 10 10 100 2 40 0.8 Units A A A mA mA V V V V
5
0270L-PEEPR-2/09
9. AC Read Characteristics
AT28C64B-15 Symbol tACC tCE(1) tOE(2) tDF(3)(4) tOH Parameter Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first 0 0 0 Min Max 150 150 70 50 Units ns ns ns ns ns
10. AC Read Waveforms(1)(2)(3)(4)
ADDRESS ADDRESS VALID
CE tCE OE tOE tOH tACC OUTPUT
Notes:
tDF
HIGH Z
OUTPUT VALID
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact on tACC. 3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF). 4. This parameter is characterized and is not 100% tested.
6
AT28C64B
0270L-PEEPR-2/09
AT28C64B
11. Input Test Waveforms and Measurement Level
tR, tF < 5 ns
12. Output Test Load
13. Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 Max 6 Units pF pF Conditions VIN = 0V VOUT = 0V
8 12 1. This parameter is characterized and is not 100% tested.
7
0270L-PEEPR-2/09
14. AC Write Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH Parameter Address, OE Setup Time Address Hold Time Chip Select Setup Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Setup Time Data, OE Hold Time Min 0 50 0 0 100 50 0 Max Units ns ns ns ns ns ns ns
15. AC Write Waveforms
15.1 WE Controlled
OE tOES tOEH
ADDRESS tAS CE tCS WE tWP tDS DATA IN tDH tCH tAH
15.2
CE Controlled
OE tOES tOEH
ADDRESS tAS WE tCS CE tWP tDS DATA IN tDH tCH tAH
8
AT28C64B
0270L-PEEPR-2/09
AT28C64B
16. Page Mode Characteristics
Symbol tWC tWC tAS tAH tDS tDH tWP tBLC tWPH Parameter Write Cycle Time Write Cycle Time (option available - Ref. AT28HC64BF datasheet) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Write Pulse Width Byte Load Cycle Time Write Pulse Width High 50 0 50 50 0 100 150 Min Max 10 2 Units ms ms ns ns ns ns ns s ns
17. Page Mode Write Waveforms(1)(2)
OE
CE tWP WE tAS tAH A0 -A12 VALID ADD tDS DATA VALID DATA tDH tWPH tBLC
tWC
Notes:
1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE). 2. OE must be high only when WE and CE are both low.
18. Chip Erase Waveforms
tS
tH
tW
tS = tH = 1 s (min.) tW = 10 ms (min.) VH = 12.0V 0.5V
9
0270L-PEEPR-2/09
19. Software Data Protection Enable Algorithm(1)
LOAD DATA AA TO ADDRESS 1555
20. Software Data Protection Disable Algorithm(1)
LOAD DATA AA TO ADDRESS 1555
LOAD DATA 55 TO ADDRESS 0AAA
LOAD DATA 55 TO ADDRESS 0AAA
LOAD DATA A0 TO ADDRESS 1555
WRITES
ENABLED(2)
LOAD DATA 80 TO ADDRESS 1555
LOAD DATA XX TO ANY ADDRESS(4)
LOAD DATA AA TO ADDRESS 1555
LOAD LAST BYTE TO LAST ADDRESS
ENTER DATA PROTECT STATE
LOAD DATA 55 TO ADDRESS 0AAA
LOAD DATA 20 TO ADDRESS 1555
Notes:
1. Data Format: I/O7 - I/O0 (Hex); Address Format: A12 - A0 (Hex). 2. Write Protect state will be activated at end of write even if no other data is loaded. 3. Write Protect state will be deactivated at end of write period even if no other data is loaded. 4. 1 to 64 bytes of data are loaded. Notes:
EXIT DATA PROTECT STATE(3)
LOAD DATA XX TO ANY ADDRESS(4)
LOAD LAST BYTE TO LAST ADDRESS
1. Data Format: I/O7 - I/O0 (Hex); Address Format: A12 - A0 (Hex). 2. Write Protect state will be activated at end of write even if no other data is loaded. 3. Write Protect state will be deactivated at end of write period even if no other data is loaded. 4. 1 to 64 bytes of data are loaded.
21. Software Protected Write Cycle Waveforms(1)(2)
OE
CE tWP WE tAS tAH A0 -A5 tDH
tWPH
tBLC
A6 - A12 tDS DATA tWC
Notes:
1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE) after the software code has been entered. 2. OE must be high only when WE and CE are both low.
10
AT28C64B
0270L-PEEPR-2/09
AT28C64B
22. Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(1)
Min 0 0
Typ
Max
Units ns ns ns ns
Write Recovery Time 0 1. These parameters are characterized and not 100% tested. See "AC Read Characteristics" on page 6.
23. Data Polling Waveforms
tOEH tDH tOE
tWR
24. Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay OE High Pulse Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See "AC Read Characteristics" on page 6.
(2)
Min 10 10
Typ
Max
Units ns ns ns
150 0
ns ns
25. Toggle Bit Waveforms(1)(2)(3)
tOEH
tOEHP
tDH
tOE tWR
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit. 2. Beginning and ending state of I/O6 will vary. 3. Any address location may be used but the address should not vary.
11
0270L-PEEPR-2/09
26. Normalized ICC Graphs
12
AT28C64B
0270L-PEEPR-2/09
AT28C64B
27. Ordering Information
27.1
tACC (ns)
Green Package Option (Pb/Halide-free)
ICC (mA) Active Standby Ordering Code AT28C64B-15JU AT28C64B-15SU AT28C64B-15TU AT28C64B-15PU Package 32J 28S 28T 28P6 Industrial (-40C to 85C) Operation Range
150
40
0.1
27.2
Die Products
Contact Atmel Sales for die sales options.
Package Type 32J 28P6 28S 28T 32-lead, Plastic J-leaded Chip Carrier (PLCC) 28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 28-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC) 28-lead, Plastic Thin Small Outline Package (TSOP)
13
0270L-PEEPR-2/09
28. Packaging Information
28.1 32J - PLCC
1.14(0.045) X 45
PIN NO. 1 IDENTIFIER
1.14(0.045) X 45 0.318(0.0125) 0.191(0.0075)
E1 B
E
B1
E2
e D1 D A A2 A1
0.51(0.020)MAX 45 MAX (3X)
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
D2
MIN 3.175 1.524 0.381 12.319 11.354 9.906 14.859 13.894 12.471 0.660 0.330
NOM - - - - - - - - - - - 1.270 TYP
MAX 3.556 2.413 - 12.573 11.506 10.922 15.113 14.046 13.487 0.813 0.533
NOTE
A A1 A2 D D1 D2
Note 2
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is .010"(0.254 mm) per side. Dimension D1 and E1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. Lead coplanarity is 0.004" (0.102 mm) maximum.
E E1 E2 B B1 e
Note 2
10/04/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC) DRAWING NO. 32J REV. B
R
14
AT28C64B
0270L-PEEPR-2/09
AT28C64B
28.2 28P6 - PDIP
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eB
0 ~ 15
REF
SYMBOL A A1 D E E1 B
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 36.703 15.240 13.462 0.356 1.041 3.048 0.203 15.494 NOM - - - - - - - - - - 2.540 TYP MAX 4.826 - 37.338 15.875 13.970 0.559 1.651 3.556 0.381 17.526 Note 2 Note 2 NOTE
Notes:
1. This package conforms to JEDEC reference MS-011, Variation AB. 2. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").
B1 L C eB e
09/28/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 28P6, 28-lead (0.600"/15.24 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 28P6 REV. B
R
15
0270L-PEEPR-2/09
28.3
28S - SOIC
Dimensions in Millimeters and (Inches). Controlling dimension: Millimeters.
0.51(0.020) 0.33(0.013)
7.60(0.2992) 10.65(0.419) 7.40(0.2914) 10.00(0.394)
PIN 1
1.27(0.50) BSC
TOP VIEW
18.10(0.7125) 17.70(0.6969)
2.65(0.1043) 2.35(0.0926)
0.30(0.0118) 0.10(0.0040)
SIDE VIEWS
0 ~ 8
0.32(0.0125) 0.23(0.0091) 1.27(0.050) 0.40(0.016)
8/4/03 2325 Orchard Parkway San Jose, CA 95131 TITLE 28S, 28-lead, 0.300" Body, Plastic Gull Wing Small Outline (SOIC) JEDEC Standard MS-013 DRAWING NO. 28S REV. B
R
16
AT28C64B
0270L-PEEPR-2/09
AT28C64B
28.4 28T - TSOP
PIN 1
0 ~ 5
c
Pin 1 Identifier Area D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-183. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.90 13.20 11.70 7.90 0.50 NOM - - 1.00 13.40 11.80 8.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.55 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 13.60 11.90 8.10 0.70 Note 2 Note 2 NOTE
12/06/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 28T, 28-lead (8 x 13.4 mm) Plastic Thin Small Outline Package, Type I (TSOP) DRAWING NO. 28T REV. C
R
17
0270L-PEEPR-2/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support p_eeprom@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2009 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
0270L-PEEPR-2/09


▲Up To Search▲   

 
Price & Availability of AT28C64B09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X